Part Number Hot Search : 
LB1695M BD25B DCJ010 NH1302A T121020 KSB1366 LB1665 PTB200
Product Description
Full Text Search
 

To Download PCI-1735U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features www.advantech.com/products online download PCI-1735U specifcations digital input channels 32 compatibility 5 v/ttl input voltage logic 0: 0.8 v max. logic 1: 2.0 v min. digital output channels 32 compatibility 5 v/ttl output voltage logic 0: 0.5 v max. logic 1: 2.0 v min. output capability sink: 0.5 v max @ 24 ma source: 2.0 v min. @ 15 ma counter/timer channels 3 resolution 16 bits compatibility 5 v/ttl max. input frequency 1 mhz reference clock internal: selectable 1 mhz, 100 khz, or 10 khz base clock external clock frequency: jumper selectable divider: x2, x1, x0.5, and x0.25 programmable counter 6 modes ? ? ? ? ? ? ? ? ? ? ? ? ? 64-ch digital i/o and counter universal pci card isa-compatible with pcl-720+ 32 ttl-level digital input channels 32 ttl-level digital output channels high-output driving capacity low-input loading 3 programmable counter/timer channels user confgurable clock source breadboard area for custom circuits ? ? ? ? ? ? ? ? general breadboard area 540 (30 x 18) plated-through "donuts", each with a .036" hole on 0.10" centers. further, provide +5 v on the left side, and provide gnd on the right side bus type PCI-1735U: universal pci v2.2 i/o connectors 5 x 20-pin male ribbon-cable connectors dimensions (l x h) 175 x 100 mm (6.9" x 3.9") power consumption max: +5 v @ 98.8 ma operating temperature 0 ~ 65 c (32 ~ 149 f) storing temperature -25 ~ 80 c (-13 ~ 176 f) storing humidity 5 ~ 95% rh, non-condensing (refer to iec 68-2-3) ordering information PCI-1735U 64-ch digital i/o and counter card pcl-10120-1 idc-20 flat cable, 1 m pcl-10120-2 idc-20 flat cable, 2 m pcld-780 2 x idc-20 wiring terminal pcld-782 opto-isolated d/i board pcld-785 16-ch relay output terminal pcld-786 ssr and relay driver board pcld-885 16-ch power relay output terminal adam-3920 20-pin flat cable terminal, din-rail mount ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? introduction the PCI-1735U digital i/o and counter card is pc-compatible add-on card with 32 digital input channels, 32 digital output channels and three programmable counter/timer channels. their digital i/o channels are ttl-compatible and use 74ls244 driver/buffer circuits to provide high output driving capacity. these buffered circuits also require lower input loading current than regular ttl circuits. the cards' 8254 programmable counter/timer provides three fexible 16-bit counter/timer channels. you can generate waves and pulses by programming the 8254. jumper settings determine the clock crystal frequency. the card also includes a breadboard area perfect for customized circuits.


▲Up To Search▲   

 
Price & Availability of PCI-1735U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X